Part Number Hot Search : 
AS1100 KD520 PFT1306N FAN6206 BCPZRL MC33285D LOL29K 74AUP1
Product Description
Full Text Search
 

To Download 0441331208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0441331208 Active
microfit_30 3.00mm (.118") Micro-Fit 3.0 BMITM Receptacle Housing, Dual Row, Panel Mount, 12 Circuits, PBT Polyester, UL 94V-0, Halogen-Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Overview Product Name Crimp Housings 44133 Halogen Free microfit_30 Micro-Fit 3.0 BMITM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 12 Black 94V-0 Female No None Polyester 2 Bag Yes 0.118 In 3.00 mm Yes No -40C to +105C
Search Parts in this Series 44133Series Use With 43030 Crimp Terminal
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-44133-002 PS-44300-001 SD-44133-003
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0441331208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X